Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KF2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  KF2 Datasheet HTML 1Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 2Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 3Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 4Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 5Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
3. Pin Function
Table (1/2)
PIN NAME
Function
VDD
Positive power supply except for ports (except P20-P27 and P121-P124)
and AD converter
VSS
Ground potential except for ports (except P20-P27 and P121-P124) and
AD converter
EVDD
Positive power supply for ports (except P20-P27 and P121-P124)
EVSS
Ground potential for ports (except P20-P27 and P121-P124)
RESET
System reset input
FLMD0
Flash EEPROM programming mode setting
REGC
Connecting regulator stabilization capacitor. Connect to GND via a
capacitor (0.47
µF).
AVREF
A/D converter analog power supply and power supply for P20-P27
AVSS
Ground potential for A/D converter and P20 - P27.
I/O port
P00
/TI000
External count clock input to 16-bit timer/event counter 00
Capture trigger input to capture registers (CR000, CR010) of16-bit
timer/event counter 00 (TM00)
I/O port
Capture trigger input to capture register (CR000) of 16-bit
timer/event
counter 00 (TM00)
P01
/TI010
/TO00
16-bit timer/event counter 00 output (TM00)
I/O port
P02
/SO11
Serial data output from serial interface (CSI11)
I/O port
P03
/SI11
Serial data input to serial interface (CSI11)
I/O port
P04
/SCK11
Clock input/ output for serial interface (CSI11)
I/O port
External count clock input to 16-bit timer/event counter 01
Capture trigger input to capture registers (CR001, CR011) of16-bit
timer/event counter 01 (TM01)
P05
/TI001
/SSI11
Chip select input for serial interface (CSI11)
I/O port
Capture trigger input to capture register (CR001) of 16-bit
timer/event
counter 01 (TM01)
P06
/TI011
/TO01
16-bit timer/event counter 01 output (TM01)
I/O port
Clock input/ output for serial interface (CSI10)
P10
/SCK10
/TXD0
Serial data output from asynchronous serial interface (UART0)
I/O port
Serial data input to serial interface (CSI10)
P11
/SI10
/RXD0
Serial data input to asynchronous serial interface (UART0)
I/O port
P12
/SO10
Serial data output form serial interface (CSI10)
I/O port
P13
/TXD6
Serial data output from asynchronous serial interface (UART6)
I/O port
P14
/RXD6
Serial data input to asynchronous serial interface (UART6)
I/O port
P15
/TOH0
8-bit timer H0 output (TMH0)
I/O port
8-bit timer H1 output (TMH1)
P16
/TOH1
/INTP5
External interrupt request input with specifiable valid edges
I/O port
External count clock input to 8-bit timer/event counter 50 (TM50)
P17
/TI50
/TO50
8-bit timer/event counter 50 output (TM50)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com