Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KF2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button KF2 Datasheet HTML 2Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 3Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 4Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 5Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 9Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
4. Memory space
78K0/KF2 have 64kB linear address area.
To access more than 64KB ROM area, 96KB and 128KB ROM products have BANK type ROM at
address of 8000H to C000H. All BANK ROM size is 16KB.
5.
Clock
78K0/KF2 have 2 type internal Ring-OSC and 2 type external resonator oscillation circuit.
78K0/KF2 can be operated high-speed internal Ring-OSC only. Low-speed Ring-OSC can connect to
Watch dog timer and 8bit timer (TMH1) only for high secure.
Common ROM
Bank ROM
Products
ROM size
Address
Address
Number of
Bank
µPD78F0547
128KB
0000H-7FFFH
(32KB)
8000H-BFFFH
(16KB)
6
µPD78F0546
96KB
0000H-7FFFH
(32KB)
8000H-BFFFH
(16KB)
4
µPD78F0545
60KB
0000H-EFFFH
(60KB)
-
-
µPD78F0544
48KB
0000H-BFFFH
(48KB)
-
-
Low-speed
Ring-OSC
(240kHz typ)
High-speed
Ring-OSC
(8MHz typ)
High-speed
system clock
oscillation circuit
(2-20MHz)
Watchdog timer
CPU
Peripheral
Subsystem clock
oscillation circuit
(32.768kHz)
MPX
MPX
Watch timer
PCL
8bit timer (TMH1)
External resonator
or
External clock
External resonator
or
External clock
Fig. Clock connecting block image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com