Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF2 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KF2 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button KF2 Datasheet HTML 11Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 12Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 13Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 14Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 15Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 16Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 17Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 18Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
DC Characteristics (4/4)
(TA = -40 to +85
°C, 1.8 V ≤ VDD = EVDD ≤ 5.5 V, 2.3 V ≤ AVREF ≤ VDD =EVDD, VSS = EVSS = AVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
fXH = 20 MHz
Note2, VDD = 5.0 V
4.7
5.8
mA
fXH = 10 MHz
Note2, VDD = 5.0 V Note
3
2.5
3.5
mA
fXH = 5 MHz
Note2, VDD = 3.0 V Note3
1.5
2.2
mA
fRH = 8 MHz
Note2, VDD = 5.0 V
1.9
2.7
mA
IDD1
Operation mode
fSUB = 32.768 kHz
Note2, VDD = 5.0 V
17
T.B.D.
µ A
fXH = 20 MHz
Note2, VDD = 5.0 V
2.2
2.6
mA
fXH = 10 MHz
Note2, VDD = 5.0 V Note3
1.0
1.2
mA
fXH = 5 MHz
Note2, VDD = 3.0 V Note3
0.55
0.65
mA
fRH = 8 MHz
Note2, VDD = 5.0 V
0.6
0.65
mA
IDD2
HALT mode
fSUB = 32.768 kHz
Note2, VDD = 5.0 V
3.5
T.B.D.
µ A
IDD3
STOP mode
VDD = EVDD = 5.0 V
1
20
µ A
A/D converter operating
0.57
1.3
mA
IADC
A/D converter
operating current
A/D converter not operating
T.B.D.
T.B.D.
mA
IWDT
Watchdog Time
operating current
240 kHz Ring-OSC operating
5
10
µ A
Supply
current
Note1
ILVI
LVI operating
current
9
T.B.D.
µ A
Notes 1.
Total current flowing through the internal power supply (VDD).
2.
Input square-wave
3.
When AMPH(OSCCTL.0) = 0.
Remark 1.
fXH: High-Speed System Clock oscillation frequency (X1 clock oscillation frequency or
External main system clock frequency).
2.
fRH: High-speed Ring-OSC oscillation frequency.
3.
fSUB: Subsystem Clock oscillation frequency (XT1 clock oscillation frequency or External
subsystem clock frequency).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com