Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF2 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KF2 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button KF2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 9Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 10Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 11Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 12Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 13Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 14Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
Ring-OSC Oscillator Characteristics
(TA = -40 to +85
°C, 1.8 V ≤ VDD = EVDD ≤ 5.5 V, 2.3 V ≤ AVREF ≤ VDD= EVDD, VSS = EVSS = AVSS = 0 V)
Resonator
Parameter
Conditions
MIN.
TYP.
MAX.
Unit
2.7 V
≤ VDD ≤ 5.5 V
7.6
Note2
8.0
Note2
8.4
Note2
8 MHz Ring-OSC oscillator
High-speed Ring-OSC
Oscillation
frequency(fRH)
Note1
1.8 V
≤ VDD ≤ 5.5 V
T.B.D
8.0
Note2
T.B.D
MHz
2.7 V
≤ VDD ≤ 5.5 V
216
240
264
240 kHz Ring-OSC oscillator
Low-speed Ring-OSC
Oscillation frequency(fRL)
1.8 V
≤ VDD ≤ 5.5 V
T.B.D
240
T.B.D
kHz
Note 1. Indicates only oscillator characteristics.
Refer to AC Characteristics for instruction execution
time.
2. This is the frequency in the case of RSTS(RCM.7)=1. This is 5 MHz(TYP.) in the case of
RSTS=0.
Subsystem Clock Oscillator Characteristics
(TA = -40 to +85
°C, 1.8 V ≤ VDD = EVDD ≤ 5.5 V, 2.3 V ≤ AVREF ≤ VDD= EVDD, VSS = EVSS = AVSS = 0 V)
Resonator
Recommended
Circuit
Parameter
Conditions
MIN.
TYP.
MAX.
Unit
Crystal resonator
Oscillation
frequency(fSUB)
Note
32
32.768
35
kHz
Note Indicates only oscillator characteristics.
Refer to AC Characteristics for instruction execution
time.
Cautions 1.
When using the subsystem clock oscillator, wire as follows in the area enclosed by the broken lines in
the above figures to avoid an adverse effect from wiring capacitance.
• Keep the wiring length as short as possible.
• Do not cross the wiring with the other signal lines.
• Do not route the wiring near a signal line through which a high fluctuating current flows.
• Always make the ground point of the oscillator capacitor the same potential as VSS.
• Do not ground the capacitor to a ground pattern through which a high current flows.
• Do not fetch signals from the oscillator.
2.
The subsystem clock oscillator is designed as a low-amplitude circuit for reducing power
consumption, and is more prone to malfunction due to noise than the high-speed system clock
oscillator.
Particular care is therefore required with the wiring method when the subsystem clock is
used.
Remark
For the resonator selection and oscillator constant, customers are requested to either
evaluate the oscillation themselves or apply to the resonator manufacturer for evaluation.
XT1
XT2
C4
C3
Rd
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com