Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF2 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KF2 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button KF2 Datasheet HTML 9Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 10Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 11Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 12Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 13Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 14Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 15Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 16Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
DC Characteristics (2/4)
(TA = -40 to +85
°C, 1.8 V ≤ VDD = EVDD ≤ 5.5 V, VSS = EVSS = AVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VIH1
P02, P12, P13, P15, P40-P47, P50-P57, P60-P67,
P121-P124, P144-P145
0.7VDD
VDD
V
VIH2
P00, P01, P03-P06, P10-P11, P14, P16-P17, P30-P33,
P70-P77, P120, P140-P143, RESET
0.8VDD
VDD
V
Input voltage, high
VIH3
P20-P27
Note
0.7AVREF
AVREF
V
VIL1
P02, P12, P13, P15, P40-P47, P50-P57, P60-P67,
P121-P124, P144-P145
0
0.3VDD
V
VIL2
P00, P01, P03-P06, P10-P11, P14, P16-P17, P30-P33,
P70-P77, P120, P140-P143, RESET
0
0.2VDD
V
Input voltage, low
VIL3
P20-P27
Note
0
0.3AVREF
V
Note
When used as digital input ports, set AVREF = VDD = EVDD.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as
those of port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com