Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KF2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KF2 Datasheet HTML 1Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 2Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 3Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 4Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 5Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
78K0/KF2
MOS Integrated Circuit
Preliminary Product Information
8-BIT SINGLE-CHIP MICROCONTROLLER
©NEC Electronics Corporation 2004
This information contained in this document is being issued in advance of the production cycle for the product. The
parameters for the product may change before final production or NEC Electronics Corporation, at its own discretion,,
may withdraw the product prior to its production. Not all products and/ or types are available in every country. Please
check with an NEC Electronics sales representative for availability and additional information.
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
The 78K0/KF2 products are 8-bit single-chip microcontrollers of the 78K0 series.
These microcontrollers feature Single-voltage Self-programming Flash memory and many peripherals.
FEATURES
• 78K0 CPU core, 8-bit CISC architecture
• Flash EEPROM and RAM sizes
Item
Product name
Program memory
(Flash EEPROM)
Data memory
(RAM)
µPD78F0547
128K bytes (Flash)
7K bytes
µPD78F0546
96K bytes (Flash)
5K bytes
µPD78F0545
60K bytes (Flash)
3K bytes
µPD78F0544
48K bytes (Flash)
2K bytes
Minimum instruction cycle
0.1
µs (20MHz@4.0V to 5.5V)
0.2
µs (10MHz@2.7V to 5.5V)
0.4
µs ( 5MHz@1.8V to 5.5V)
Clock
• MAIN CLOCK
- Internal Ring-oscillator 8MHz (Typ.)
- Ceramic/Crystal Oscillator/External CLK (2MHz to 20MHz)
(Instruction execution time = 100ns(min.) @20MHz)
• SUB CLOCK
- 32.768KHz Crystal oscillator/ External CLK
• WDT CLOCK
- Internal Ring-oscillator 240KHz (Typ.)
Peripherals.
• On-Chip Power-On-Clear (POC) Circuit
• Low-Voltage Detector (LVI) Circuit
• Timer
- 16bit Timer 2ch
- 8bit Timer 4ch
- Watch Timer
- Watchdog Timer (Operable with 240KHz Ring-OSC)
• Serial Interface
- UART/CSI 1ch
- UART (with LIN-bus) 1ch
- Auto-CSI 1ch
- CSI 1ch
- IIC 1ch
• Key Interrupt 8ch
• AD CONVERTER
- 10-bit resolution A/D converter 8ch
• I/O PORT
Total : 71
CMOS I/O : 66
CMOS Output: 1
N-ch O.D I/O: 4
•MULTUPLIER/DIVIDER
- 16bit x 16bit, 32bit / 16bit
• Other
- Self programming
- PCL / BUZ OUTPUT
- On-chip debug function
(Product name is undecided.)
Interrupt
- Internal 20ch
- External 9ch
Operation Voltage
1.8V to 5.5V
Package
80-pin LQFP (12mm x 12mm, 0.5mm pitch)
80-pin LQFP (14mm x 14mm, 0.65mm pitch)


Similar Part No. - KF2

ManufacturerPart #DatasheetDescription
logo
Rohm
KF2002-GC10A ROHM-KF2002-GC10A Datasheet
180Kb / 4P
Compact medium speed thick film thermal printhead (8 dots / mm)
KF2002-GD10A ROHM-KF2002-GD10A Datasheet
171Kb / 4P
Compact medium speed thick film thermal printhead (8 dots / mm)
KF2002-GD31A ROHM-KF2002-GD31A Datasheet
72Kb / 5P
Compact medium speed thick film thermal printhead (8 dots /mm)
KF2002-GF41A ROHM-KF2002-GF41A Datasheet
89Kb / 5P
Compact high speed thick film thermal printhead (8dots/ mm)
KF2002-GF71A ROHM-KF2002-GF71A Datasheet
86Kb / 5P
Compact low voltage thick film thermal printhead (8dots / mm)
More results

Similar Description - KF2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com