Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF2 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KF2 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button KF2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 9Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 10Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 11Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 12Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 13Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 14Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 15Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
DC Characteristics (1/4)
(TA = -40 to +85
°C, 1.8 V ≤ VDD = EVDD ≤ 5.5 V, VSS = EVSS = AVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
4.0V
≤ VDD ≤ 5.5V
-3.0
2.7 V
≤ VDD < 4.0V
-2.5
Per pin of P00-P06, P10-P17,
P30-P33, P40-P47, P50-P57,
P64-P67, P70-P77, P120, P130,
P140-P145
1.8 V
≤ VDD < 2.7V
-1.0
mA
4.0V
≤ VDD ≤ 5.5V
-20.0
2.7 V
≤ VDD < 4.0V
-10.0
Total of P00-P04, P40-P47, P120,
P130, P140-P145
1.8 V
≤ VDD < 2.7V
-5.0
mA
4.0V
≤ VDD ≤ 5.5V
-30.0
2.7 V
≤ VDD < 4.0V
-19.0
Total of P05-P06, P10-P17,
P30-P33, P50-P57, P64-P67,
P70-P77
1.8 V
≤ VDD < 2.7V
-10.0
mA
4.0V
≤ VDD ≤ 5.5V
-50.0
2.7 V
≤ VDD < 4.0V
-29.0
IOH1
Total of all pins
1.8 V
≤ VDD < 2.7V
-15.0
mA
Output current, high
IOH2
Per pin of P20-P27, P121-P124
Note
1.8V
≤ VDD ≤ 5.5V
-0.1
mA
4.0V
≤ VDD ≤ 5.5V
8.5
2.7 V
≤ VDD < 4.0V
5.0
Per pin of P00-P06, P10-P17,
P30-P33, P40-P47, P50-P57,
P64-P67, P70-P77, P120, P130,
P140-P145
1.8 V
≤ VDD < 2.7V
2.0
mA
4.0V
≤ VDD ≤ 5.5V
15.0
2.7 V
≤ VDD < 4.0V
5.0
Per pin of P60-P63
1.8 V
≤ VDD < 2.7V
2.0
mA
4.0V
≤ VDD ≤ 5.5V
20.0
2.7 V
≤ VDD < 4.0V
15.0
Total of P00-P04, P40-P47, P120,
P130, P140-P145
1.8 V
≤ VDD < 2.7V
9.0
mA
4.0V
≤ VDD ≤ 5.5V
45.0
2.7 V
≤ VDD < 4.0V
35.0
Total of P05-P06, P10-P17,
P30-P33, P50-P57, P64-P67,
P70-P77
1.8 V
≤ VDD < 2.7V
20.0
mA
4.0V
≤ VDD ≤ 5.5V
65.0
2.7 V
≤ VDD < 4.0V
50.0
IOL1
Total of all pins
1.8 V
≤ VDD < 2.7V
29.0
mA
Output current, low
IOL2
Per pin of P20-P27, P121-P124
Note
1.8V
≤ VDD ≤ 5.5V
0.4
mA
Note
When used as digital input ports, set AVREF = VDD. = EVDD.
Caution
This specification is Duty = 70% condition of IOH and IOL.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as
those of port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com