Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF2 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KF2 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button KF2 Datasheet HTML 10Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 11Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 12Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 13Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 14Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 15Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 16Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 17Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
DC Characteristics (3/4)
(TA = -40 to +85
°C, 1.8 V ≤ VDD = EVDD ≤ 5.5 V, VSS = EVSS = AVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
IOH = -3.0 mA
4.0V
≤ VDD ≤ 5.5V
VDD-0.7
V
IOH = -2.5 mA
2.7 V
≤ VDD ≤ 5.5V V
DD
-0.5
V
VOH1
IOH = -1.0 mA
P00-P06, P10-P17,
P30-P33, P40-P47,
P50-P57, P64-P67,
P70-P77, P120, P130,
P140-P145
1.8 V
≤ VDD ≤ 5.5V V
DD
-0.5
V
Output voltage, high
VOH2
IOH = -0.1 mA
P20-P27
P121-P124
1.8 V
≤ VDD ≤ 5.5 V
AVREF = VDD = EVDD
VDD-0.5
V
IOL = 8.5 mA
4.0V
≤ VDD ≤ 5.5V
0.7
V
IOL = 1.0 mA
2.7 V
≤ VDD ≤ 5.5V
0.5
V
VOL1
IOL = 0.5 mA
P00-P06, P10-P17,
P30-P33, P40-P47,
P50-P57, P64-P67,
P70-P77, P120, P130,
P140-P145
1.8 V
≤ VDD ≤ 5.5V
0.4
V
VOL2
IOL = 0.4 mA
P20-P27
P121-P124
1.8 V
≤ VDD ≤ 5.5 V
AVREF = VDD = EVDD
0.4
V
IOL = 15.0 mA
2.0
V
IOL = 5.0 mA
4.0V
≤ VDD ≤ 5.5V
0.4
V
IOL = 3.0 mA
2.7 V
≤ VDD ≤ 5.5V
0.4
V
Output voltage, low
VOL3
IOL = 2.0 mA
P60-P63
1.8 V
≤ VDD ≤ 5.5V
0.4
V
ILIH1
VI = VDD = EVDD P00-P06, P10-P17, P30-P33, P40-P47, P50-P57,
P64-P67, P70-P77, P120-P124, P130, P140-P145
1
µA
ILIH2
VI = AVREF
P20-P27
1
µA
Input leakage
current, high
ILIH3
VI = VDD = EVDD X1, X2, XT1, XT2
(When use External oscillator)
20
µA
ILIL1
VI = VSS = EVSS P00-P06, P10-P17, P30-P33, P40-P47, P50-P57,
P64-P67, P70-P77, P120-P124, P130, P140-P145
-1
µA
ILIL2
VI = AVREF
P20-P27
-1
µA
Input leakage
current, low
ILIL3
VI = VSS = EVSS X1, X2, XT1, XT2
(When use External oscillator)
-20
µA
Pull-up resistance
value
RU
VI = VDD = EVDD
10
20
100
k
Ω
VIL
In normal operation mode
0
0.2VDD
V
FLMD0 supply
voltage
VIH
In flash memory programming mode
0.8VDD
VDD
V
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those
of port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com