Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KF2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KF2 Datasheet HTML 1Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 2Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 3Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 4Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 5Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
2. Pin Lay Out
78K0/KF2
80-pin plastic QFP (14 x 14mm 0.65mm pitch)
µPD78F0547GC-UBT, µPD78F0546GC-UBT
µPD78F0545GC-UBT, µPD78F0544GC-UBT
80-pin plastic LQFP (12 x 12mm 0.5mm pitch)
µPD78F0547GK-8EU, µPD78F0546GK-8EU
µPD78F0545GK-8EU, µPD78F0544GK-8EU
80pin QFP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P120/INTP0/EXLVI
P47
P46
P45
P44
P43
P42
P41
P40
RESET
P124/XT2/EXCLKS
P123/XT1
IC/FLMD0
P122/X2/EXCLK
P121/X1
REGC
VSS
EVSS
VDD
EVDD
P31/INTP2
P50
P51
P52
P53
P30/INTP1
P17/TI50/TO50
P16/TOH1/INTP5
P15/TOH0
P14/RXD6
P13/TXD6
P12/SO10
P11/SI10/RXD0
P10/SCK10/TXD0
P54
P55
P56
P57
AVREF
AVSS
80pin QFP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P120/INTP0/EXLVI
P47
P46
P45
P44
P43
P42
P41
P40
RESET
P124/XT2/EXCLKS
P123/XT1
IC/FLMD0
P122/X2/EXCLK
P121/X1
REGC
VSS
EVSS
VDD
EVDD
P31/INTP2
P50
P51
P52
P53
P30/INTP1
P17/TI50/TO50
P16/TOH1/INTP5
P15/TOH0
P14/RXD6
P13/TXD6
P12/SO10
P11/SI10/RXD0
P10/SCK10/TXD0
P54
P55
P56
P57
AVREF
AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com