Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 2Page - OSRAM GmbH TMG49037 Datasheet HTML 3Page - OSRAM GmbH TMG49037 Datasheet HTML 4Page - OSRAM GmbH TMG49037 Datasheet HTML 5Page - OSRAM GmbH TMG49037 Datasheet HTML 6Page - OSRAM GmbH TMG49037 Datasheet HTML 7Page - OSRAM GmbH TMG49037 Datasheet HTML 8Page - OSRAM GmbH TMG49037 Datasheet HTML 9Page - OSRAM GmbH TMG49037 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
ams Datasheet
Page 5
[v1-01] 2019-Aug-20
Document Feedback
TMG49037 − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Recommended
Operating Conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings
Note(s):
1. All voltages with respect to GND
2. Measured with LDR = OFF or LDR = ON and LDRIVE = 310mA.
Symbol
Parameter
Min
Max
Units
Comments
VDD
Supply voltage
-0.3
2.2
V
VLEDA
LED anode supply
-0.3
3.6
V
VIO
Digital I/O terminal voltage
-0.3
3.6
V
VLDR
Terminal voltage
-0.3
3.6
V
See note (2)
IIO
Output terminal current
-1
20
mA
Tstrg
Storage temperature range
-40
85
ºC
ESDHBM
ESD tolerance, human body
model
±2000
V
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com