Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 21Page - OSRAM GmbH TMG49037 Datasheet HTML 22Page - OSRAM GmbH TMG49037 Datasheet HTML 23Page - OSRAM GmbH TMG49037 Datasheet HTML 24Page - OSRAM GmbH TMG49037 Datasheet HTML 25Page - OSRAM GmbH TMG49037 Datasheet HTML 26Page - OSRAM GmbH TMG49037 Datasheet HTML 27Page - OSRAM GmbH TMG49037 Datasheet HTML 28Page - OSRAM GmbH TMG49037 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-01] 2019-Aug-20
TMG49037 − Register Description
Enable Register (ENABLE 0x80)
Enable has fields that power on the device and enable the
functions. Before enabling any functions, all of the bits
associated with each function must be set. Changing control
register values while operating may result in invalid results.
Figure 27:
Enable Register
76543210
Reserved
GEN
PIEN
AIEN
WEN
PEN
AEN
PON
Field
Bits
Description
Reserved
7
Reserved.
GEN
6
Gesture Enable. When asserted, the gesture state machine can be activated
by setting GMODE = 1 or when a proximity value is above the gesture entry
threshold.
PIEN
5
Proximity Interrupt Enable. When asserted permits proximity interrupts to
be generated, subject to the proximity thresholds and persistence filter.
AIEN
4
ALS Interrupt Enable. When asserted permits ALS interrupts to be
generated, subject to the ALS thresholds and persistence filter.
WEN
3
Wait Enable. This bit activates the wait feature. Writing a 1 activates the wait
timer. Writing a 0 disables the wait timer.
PEN
2
Proximity Enable. This bit activates the proximity function. Writing a 1
enables proximity. Writing a 0 disables proximity.
AEN
1
ALS Enable. This bit activates the ALS/Color functionality. Writing a 1
enables ALS/Color. Writing a 0 disables ALS/Color.
PON
0
Power ON. This bit activates the internal oscillator to permit the timers and
ADC channels to operate. Writing a 1 activates the oscillator. Writing a 0
disables the oscillator and clears, PEN, and AEN. Only set this bit after all
other registers have been initialized by the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com