Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 9Page - OSRAM GmbH TMG49037 Datasheet HTML 10Page - OSRAM GmbH TMG49037 Datasheet HTML 11Page - OSRAM GmbH TMG49037 Datasheet HTML 12Page - OSRAM GmbH TMG49037 Datasheet HTML 13Page - OSRAM GmbH TMG49037 Datasheet HTML 14Page - OSRAM GmbH TMG49037 Datasheet HTML 15Page - OSRAM GmbH TMG49037 Datasheet HTML 16Page - OSRAM GmbH TMG49037 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-01] 2019-Aug-20
TMG49037 − Typical Operating Characteristics
Figure 15:
Spectral Responsivity
Figure 16:
CRGB Responsivity vs. Angular Displacement
Typical Operating
Characteristics
λ - Wavelength - nm
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
300
400
500
600
700
800
900
1000
1100
Spectral Responsivity
Clear
Red
Green
Blue
IR
Angle of Incident Light (degrees)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
-90
-75
-60
-45
-30
-15
0
153045
607590
Normalized Angular Response
Green LED
All Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com