Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 53 Page - OSRAM GmbH

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Datasheet(HTML) 53 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 49Page - OSRAM GmbH TMG49037 Datasheet HTML 50Page - OSRAM GmbH TMG49037 Datasheet HTML 51Page - OSRAM GmbH TMG49037 Datasheet HTML 52Page - OSRAM GmbH TMG49037 Datasheet HTML 53Page - OSRAM GmbH TMG49037 Datasheet HTML 54Page - OSRAM GmbH TMG49037 Datasheet HTML 55Page - OSRAM GmbH TMG49037 Datasheet HTML 56Page - OSRAM GmbH TMG49037 Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
Page 52
ams Datasheet
Document Feedback
[v1-01] 2019-Aug-20
TMG49037 − Register Description
Proximity/Gesture Baseline Registers
(0xD0 − 0xD3)
After proximity/gesture calibration is complete, the user may
define a number of consecutive proximity cycles for which
PDATA is averaged. The number of consecutive PDATA cycles to
be averaged is defined by PXDCAVG_BASELINE_WINDOW
(0xD9[2:0]). Averaging will repeat after every window of PDATA
cycles. The latest averaged result is stored in the PBSLN_MEAS
field.
The second proximity baseline field, PBSLN, is first updated at
the end of proximity/gesture calibration. This value does not
change unless the user sets. PXDCAVG_AUTO_BASELINE
(0xD9[3]) to 1. If asserted, PBSLN will be updated with the value
of PBSLN_MEAS whenever PBSLN_MEAS is less than PBSLN. In
addition, a multiple of PBSLN is used at the end of the
calibration routine to set the gesture entry and exit thresholds
if the user sets. PXDCAVG_AUTO_GTHR field (0xD9[7]) to 1. The
multiplication factor for setting the entry and exit thresholds is
user-defined in the AUTO_GTHR_IN_MULT (0xDA[3:0]).
Figure 60:
Proximity/Gesture Baseline Registers
Field
Register
Bits
Description
PBSLN_MEAS
0xD0
7:0
Measured baseline low byte
0xD1
15:8
Measured baseline high byte
PBSLN
0xD2
7:0
Stored baseline low byte
0xD3
15:8
Stored baseline high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com