Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 71 Page - OSRAM GmbH

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Datasheet(HTML) 71 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 67Page - OSRAM GmbH TMG49037 Datasheet HTML 68Page - OSRAM GmbH TMG49037 Datasheet HTML 69Page - OSRAM GmbH TMG49037 Datasheet HTML 70Page - OSRAM GmbH TMG49037 Datasheet HTML 71Page - OSRAM GmbH TMG49037 Datasheet HTML 72Page - OSRAM GmbH TMG49037 Datasheet HTML 73Page - OSRAM GmbH TMG49037 Datasheet HTML 74Page - OSRAM GmbH TMG49037 Datasheet HTML 75Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 79 page
background image
Page 70
ams Datasheet
Document Feedback
[v1-01] 2019-Aug-20
TMG49037 − Soldering and Storage Information
Soldering Information
The module has been tested and has demonstrated an ability
to be reflow soldered to a PCB substrate.
The solder reflow profile describes the expected maximum heat
exposure of components during the solder reflow process of
product on a PCB. Temperature is measured on top of
component. The components should be limited to a maximum
of three passes through this solder reflow profile.
Figure 76:
Solder Reflow Profile
Figure 77:
Solder Reflow Profile Graph
Parameter
Reference
Device
Average temperature gradient in preheating
2.5 °C/s
Soak time
tsoak
2 to 3 minutes
Time above 217 °C (T1)
t1
Max 60s
Time above 230 °C (T2)
t2
Max 50s
Time above Tpeak – 10 °C (T3)
t3
Max 10s
Peak temperature in reflow
Tpeak
260 °C
Temperature gradient in cooling
Max -5 °C/s
Soldering and Storage
Information
Not to Scale
Tpeak
Time in seconds
t2
T2
T3
T1
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com