Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 12Page - OSRAM GmbH TMG49037 Datasheet HTML 13Page - OSRAM GmbH TMG49037 Datasheet HTML 14Page - OSRAM GmbH TMG49037 Datasheet HTML 15Page - OSRAM GmbH TMG49037 Datasheet HTML 16Page - OSRAM GmbH TMG49037 Datasheet HTML 17Page - OSRAM GmbH TMG49037 Datasheet HTML 18Page - OSRAM GmbH TMG49037 Datasheet HTML 19Page - OSRAM GmbH TMG49037 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
ams Datasheet
Page 15
[v1-01] 2019-Aug-20
Document Feedback
TMG49037 − Typical Operating Characteristics
Figure 21:
Gesture and Proximity Response vs. Target Distance
Figure 22:
Gesture Angle Response

dD
W
Z
W
t
PGAIN =2 (4x), PGLDRIVE = 7 (150mA), 100x100mm, 90% Reflective Kodak gray card
(cm)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
50
40
30
20
10
0
102030
4050
Target Angular Direction (degrees)
Normalized Gesture Angular Response
North
East/West
South
Rotate
target from
North to
South



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com