Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 6Page - OSRAM GmbH TMG49037 Datasheet HTML 7Page - OSRAM GmbH TMG49037 Datasheet HTML 8Page - OSRAM GmbH TMG49037 Datasheet HTML 9Page - OSRAM GmbH TMG49037 Datasheet HTML 10Page - OSRAM GmbH TMG49037 Datasheet HTML 11Page - OSRAM GmbH TMG49037 Datasheet HTML 12Page - OSRAM GmbH TMG49037 Datasheet HTML 13Page - OSRAM GmbH TMG49037 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
ams Datasheet
Page 9
[v1-01] 2019-Aug-20
Document Feedback
TMG49037 − Electrical Characteristics
Figure 10:
Gesture and Proximity Operating Characteristics, VDD = 1.8 V, TA = 25ºC (unless otherwise noted)
Note(s):
1. Offset varies with power supply characteristics and system noise.
2. Production tested result is the average of 5 readings expressed relative to a calibrated response.
3. Representative result by characterization. Device settings can vary from 1 to 64 pulse count, 4μs to 32μs pulse width, 10mA to 310mA
current setting, and 1x to 8x electrical gain. Refer to Figure 21 for device performance with different settings.
4. Relative mismatch in the response between opposing channels.
5. Production tested result is the standard deviation of 20 readings as a percentage of full scale response.
Parameter
Conditions
Min
Typ
Max
Unit
ADC conversion time step size
20
μs
Offset
(no target response) (1)
PGAIN = 2 (4x)
PGLDRIVE = 7 (150mA)
PGPULSE_LEN = 1 (8
μs)
No target present
After electrical calibration
16
36
counts
Part to part variation (2)
PGAIN = 2 (4x)
PGLDRIVE = 1 (30mA)
PGPULSE_LEN = 1 (8
μs)
d=23mm round target
30mm target distance
After electrical calibration
75
100
125
%
Response, absolute (3)
PGAIN = 2 (4x)
PGLDRIVE = 7 (150mA)
PGPULSE_LEN = 1 (8
μs)
100x100mm, 90% reflective
Kodak gray card
100mm target distance
After electrical calibration
670
840
1010
counts
Photodiode relative deviation,
north and south channels (4)
-25
25
%
Photodiode relative deviation,
east and west channels (4)
-25
25
Noise/Signal (5)
PGAIN = 2 (4x)
PGLDRIVE = 2 (50mA)
PGPULSE_LEN = 1 (8
μs)
PGPULSE = 7 (8 pulses)
2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com