Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 30Page - OSRAM GmbH TMG49037 Datasheet HTML 31Page - OSRAM GmbH TMG49037 Datasheet HTML 32Page - OSRAM GmbH TMG49037 Datasheet HTML 33Page - OSRAM GmbH TMG49037 Datasheet HTML 34Page - OSRAM GmbH TMG49037 Datasheet HTML 35Page - OSRAM GmbH TMG49037 Datasheet HTML 36Page - OSRAM GmbH TMG49037 Datasheet HTML 37Page - OSRAM GmbH TMG49037 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
ams Datasheet
Page 33
[v1-01] 2019-Aug-20
Document Feedback
TMG49037 − Register Description
Proximity/Gesture Configuration Register One
(PGCFG1 0x8F)
PGCFG1 has fields that set the electrical gain of the proximity
response and set the LED drive current during pulses.
Figure 36:
Proximity Configuration Register One
7
6
5
4
3
210
PGGAIN
Reserved
PGLDRIVE
Reserved
Field
Bits
Description
PGGAIN
7:6
Proximity Gain Control.
VALUE
GAIN VALUE
0
1x Gain
1
2x Gain
2
4x Gain
3
8x Gain
Reserved
5
Reserved. Bit must be set to 0.
PGLDRIVE
4:1
Proximity LED Drive Strength. Configures nominal LED current linearly
in steps of 20mA (actual current depends on factory-configuration of
LED drive strength).
VALUE
LED STRENGTH
010mA
130mA
250mA
…
10mA + (20mA * PGLDRIVE)
14
290mA
15
310mA
Reserved
0
Reserved. Bit must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com