Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 17Page - OSRAM GmbH TMG49037 Datasheet HTML 18Page - OSRAM GmbH TMG49037 Datasheet HTML 19Page - OSRAM GmbH TMG49037 Datasheet HTML 20Page - OSRAM GmbH TMG49037 Datasheet HTML 21Page - OSRAM GmbH TMG49037 Datasheet HTML 22Page - OSRAM GmbH TMG49037 Datasheet HTML 23Page - OSRAM GmbH TMG49037 Datasheet HTML 24Page - OSRAM GmbH TMG49037 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-01] 2019-Aug-20
TMG49037 − Detailed Description
Upon power-up, POR, the device initializes. During initialization
(typically 200μs), the device will deterministically send NAK on
I²C and cannot accept I²C transactions. All communication with
the device must be delayed, and all outputs from the device
must be ignored including interrupts. After initialization, the
device enters the SLEEP state. In this operational state the
internal oscillator and other circuitry are not active, resulting in
ultra-low power consumption. If I²C transaction occurs during
this state, the I²C core wake up temporarily to service the
communication. Once the Power ON bit, PON, is enabled, the
device enters the IDLE state in which the internal oscillator and
attendant circuitry are active, but power consumption remains
low. The first time the SLEEP state is exited and any functions
are enabled (PEN | GEN | AEN = 1) an EXIT SLEEP pause occurs
followed by an immediate entry into the selected engines. If all
functions are disabled
(PEN = 0 & AEN = 0), the device returns to the IDLE state.
As depicted in Figure 24 and Figure 25, the gesture/proximity
and CRGB color sensing functions operate in parallel when
enabled (PEN | GEN | AEN = 1). A simplified state diagram for
each function is depicted in Figure 25. Each function is
individually configured (e.g. Gain, ADC integration time, wait
time, persistence, thresholds, etc.).
Sleep After Interrupt Operation
If Sleep After Interrupt is enabled (SAI = 1), the state machine
will enter SLEEP when non-gesture interrupts occur. However,
for gesture, the state machine remains in these active modes to
continue to support these functions. Entering SLEEP does not
automatically change any of the register settings (e.g. PON bit
is still high, but the normal operational state is over-ridden by
SLEEP state). SLEEP state is terminated when the SAI bit is
cleared.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com