Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 20Page - OSRAM GmbH TMG49037 Datasheet HTML 21Page - OSRAM GmbH TMG49037 Datasheet HTML 22Page - OSRAM GmbH TMG49037 Datasheet HTML 23Page - OSRAM GmbH TMG49037 Datasheet HTML 24Page - OSRAM GmbH TMG49037 Datasheet HTML 25Page - OSRAM GmbH TMG49037 Datasheet HTML 26Page - OSRAM GmbH TMG49037 Datasheet HTML 27Page - OSRAM GmbH TMG49037 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
ams Datasheet
Page 23
[v1-01] 2019-Aug-20
Document Feedback
TMG49037 − Register Description
0xC5
OFFSETWH
R/W
West channel offset high byte
0x00
0xC6
OFFSETEL
R/W
East channel offset low byte
0x00
0xC7
OFFSETEH
R/W
East channel offset high byte
0x00
0xD0
PBSLN_MEASL
R
Measured baseline low byte
0x00
0xD1
PBSLN_MEASH
R
Measured baseline high byte
0x00
0xD2
PBSLNL
R
Stored baseline low byte
0x00
0xD3
PBSLNH
R
Stored baseline high byte
0x00
0xD6
AZ_CONFIG
R/W
Configure CRGB autozero frequency
0xFF
0xD7
CALIB
R/W
Start offset calibration
0x00
0xD8
CALIBCFG0
R/W
Calibration configuration register zero
0x44
0xD9
CALIBCFG1
R/W
Calibration configuration register one
0x0C
0xDA
CALIBCFG2
R/W
Calibration configuration register two
0x20
0xDB
CALIBCFG3
R/W
Calibration configuration register three
0x10
0xDC
CALIBSTAT
R/W
Calibration status
0x00
0xDD
INTENAB
R/W
Interrupt enable
0x00
0xDE
INCLEAR
R/W
Interrupt clear
0x00
0xF8
GFIFO0L
R
Gesture FIFO North low byte
0x00
0xF9
GFIFO0H
R
Gesture FIFO North high byte
0x00
0xFA
GFIFO1L
R
Gesture FIFO South low byte
0x00
0xFB
GFIFO1H
R
Gesture FIFO South high byte
0x00
0xFC
GFIFO2L
R
Gesture FIFO West low byte
0x00
0xFD
GFIFO2H
R
Gesture FIFO West high byte
0x00
0xFE
GFIFO3L
R
Gesture FIFO East low byte
0x00
0xFF
GFIFO3H
R
Gesture FIFO East high byte
0x00
Address
Register Name
R/W
Register Function
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com