Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 33Page - OSRAM GmbH TMG49037 Datasheet HTML 34Page - OSRAM GmbH TMG49037 Datasheet HTML 35Page - OSRAM GmbH TMG49037 Datasheet HTML 36Page - OSRAM GmbH TMG49037 Datasheet HTML 37Page - OSRAM GmbH TMG49037 Datasheet HTML 38Page - OSRAM GmbH TMG49037 Datasheet HTML 39Page - OSRAM GmbH TMG49037 Datasheet HTML 40Page - OSRAM GmbH TMG49037 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-01] 2019-Aug-20
TMG49037 − Register Description
Status Register (STATUS 0x93)
The read-only Status Register provides the status of the device.
Figure 40:
Status Register
7
65
43
21
0
ASAT
PGSAT
PINT
AINT
Reserved
GINT
CINT
Reserved
Field
Bits
Description
ASAT
7
ALS Saturation. If ASIEN is set, indicates ALS saturation. Check the STATUS2 register
to differentiate between analog or digital saturation.
PGSAT
6
Proximity/Gesture Saturation. If PGSIEN is set, indicates analog saturation during a
previous proximity cycle. Check the STATUS2 register to differentiate between
ambient or reflected light saturation.
PINT
5
Proximity Interrupt. If PIEN is set, indicates that a proximity detect or release event
that met the programmed proximity thresholds (PILT or PIHT) and persistence (PPERS)
occurred.
AINT
4
ALS Interrupt. If ASIEN is set, indicates that an ALS event that met the programmed
ALS thresholds (AILT or AIHT) and persistence (APERS) occurred.
Reserved
3
Reserved.
GINT
2
Gesture Interrupt. If GIEN is set, indicates that one or more gesture event conditions
have been met. GINT indicates that there is data available in the FIFO buffer for
readout and GFIFO_LVL is greater than GFIFOTHR or that GVALID has become
asserted when GMODE transitioned to zero. The bit is reset whenever the FIFO buffer
is completely emptied (read).
CINT
1
Calibration Interrupt. Indicates that either calibration is finished or that one of
certain events have occurred during normal operation. If each function is enabled,
CINT will be asserted if too many zeroes occur too often in a period of samples, if the
proximity baseline has decreased, or if at least one offset register has been adjusted.
Check the CALIBSTAT register to identify the triggering event(s).
Reserved
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com