Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG49037 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TMG49037
Description  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 24Page - OSRAM GmbH TMG49037 Datasheet HTML 25Page - OSRAM GmbH TMG49037 Datasheet HTML 26Page - OSRAM GmbH TMG49037 Datasheet HTML 27Page - OSRAM GmbH TMG49037 Datasheet HTML 28Page - OSRAM GmbH TMG49037 Datasheet HTML 29Page - OSRAM GmbH TMG49037 Datasheet HTML 30Page - OSRAM GmbH TMG49037 Datasheet HTML 31Page - OSRAM GmbH TMG49037 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
ams Datasheet
Page 27
[v1-01] 2019-Aug-20
Document Feedback
TMG49037 − Register Description
Wait Time Register (WTIME 0x83)
Figure 30:
Wait Time Register
76
5
4
3
2
10
WTIME
Field
Bits
Description
WTIME
7:0
Wait Time. Sets the wait time between ALS cycles. Wait mode reduces current
consumption. It is set in 2.78ms increments unless the WLONG bit is asserted in which
case the wait times are 12x longer. The power on reset value is 0xFF. Wait time should be
configured before AEN is asserted.
VALUE
WAIT TIME (WLONG=0)
WAIT TIME (WLONG=1)
0xFF
2.78ms
0.03s
0xDC
100ms
1.20s
…
2.78ms X (256 - WTIME)
33.3ms X (256 - WTIME)
0x6A
417ms
5.00s
0x00
711ms
8.53s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com