Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25213 Datasheet(PDF) 63 Page - OSRAM GmbH

Part # TSL25213
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213 Datasheet(HTML) 63 Page - OSRAM GmbH

Back Button TSL25213 Datasheet HTML 59Page - OSRAM GmbH TSL25213 Datasheet HTML 60Page - OSRAM GmbH TSL25213 Datasheet HTML 61Page - OSRAM GmbH TSL25213 Datasheet HTML 62Page - OSRAM GmbH TSL25213 Datasheet HTML 63Page - OSRAM GmbH TSL25213 Datasheet HTML 64Page - OSRAM GmbH TSL25213 Datasheet HTML 65Page - OSRAM GmbH TSL25213 Datasheet HTML 66Page - OSRAM GmbH TSL25213 Datasheet HTML 67Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 81 page
background image
Page 62
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-21
TSL2521 − Register O ver view
VSYNC_GPIO_INT Register
Figure 79:
VSYNC_GPIO_INT
Note(s):
1. Return to the Register Map (0xF8).
Addr: 0xF8
VSYNC_GPIO_INT
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6INT_INVERT
0
R/W
If set to “1” the INT pin output is inverted. This applies to
all output signals as selected in INT_PINMAP
5INT_IN_EN
0
R/W
If programmed to “1” the INT pin is set as input. Please
observe that the connected net must not be floating
since INT is an open drain input.
4
INT_IN
0
R
External HIGH or LOW value applied to INT pin
3VSYNC_GPIO_INVERT
0
R/W
If set to “1” the VSYNC/GPIO pin output is inverted. This
applies to all output signals as selected in VSYNC_GPIO_
PINMAP
2
VSYNC_GPIO_IN_EN
0
R/W
If programmed to “1” the VSYNC/GPIO pin is set as
input. Please observe that the connected net must not
be floating since VSYNC/GPIO is an open drain input
1
VSYNC_GPIO_OUT
1
R/W
Programs the VSYNC/GPIO pin HI or LOW. Since the pin
is an open drain I/O pin, the default value is HIGH to
avoid any unintended power consumption through
pull-up resistor. The routed internal signal is selected in
VSYNC_GPIO_PINMAP.
0
VSYNC_GPIO_IN
0
R
External HIGH or LOW value applied to VSYNC/GPIO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com