Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25213 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TSL25213
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213 Datasheet(HTML) 2 Page - OSRAM GmbH

  TSL25213 Datasheet HTML 1Page - OSRAM GmbH TSL25213 Datasheet HTML 2Page - OSRAM GmbH TSL25213 Datasheet HTML 3Page - OSRAM GmbH TSL25213 Datasheet HTML 4Page - OSRAM GmbH TSL25213 Datasheet HTML 5Page - OSRAM GmbH TSL25213 Datasheet HTML 6Page - OSRAM GmbH TSL25213 Datasheet HTML 7Page - OSRAM GmbH TSL25213 Datasheet HTML 8Page - OSRAM GmbH TSL25213 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
Datasheet, Public
Page 1
[v3-00] 2022-Dec-21
Document Feedback
TSL2521
Highly Sensitive Ambient Light Sensor
with Selective Flicker Detection and
Fast Sampling for Brightness Control
or Auxiliary to Camera
The TSL2521 features ambient light sensing, as well as flicker
detection. The device comes in a low-profile and small
footprint, L2.0mm x W1.0mm x H0.5mm OLGA package.
The Ambient Light Sensing function provides two concurrent
ambient light sensing channels, which can be arbitrarily
connected to the photodiodes via a programmable multiplexer.
TSL2521 incorporates a set of Infrared photodiodes and a set of
Clear photodiodes. The Clear photodiode area is covered with
a UV/IR blocking filter.
This architecture accurately measures ambient light and
enables the calculation of irradiance of different light sources.
Calculation results help to improve display appearance and
picture taking.
The device also integrates ambient light flicker detection. It is
executed in parallel with ambient light sensing by using the
same photodiodes. The flicker detection engine will sample and
buffer data for calculating flicker frequencies externally on a
host CPU.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TSL2521 are listed below:
Figure 1:
Added Value of Using TSL2521
Benefits
Features
• Invisible ALS sensing under any glass type
• Configurable, high sensitivity
• Programmable gain and integration time
• 4096x dynamic range by gain adjustment only
• 1mlux detectable illuminance
• Tailored ALS response
• UV/IR blocking filter for Clear channel
• ALS interrupt with thresholds
• Unique fast ALS integration mode
• Flicker-immune ALS sensing with programmable
integration time
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com