Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25213 Datasheet(PDF) 39 Page - OSRAM GmbH

Part # TSL25213
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213 Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button TSL25213 Datasheet HTML 35Page - OSRAM GmbH TSL25213 Datasheet HTML 36Page - OSRAM GmbH TSL25213 Datasheet HTML 37Page - OSRAM GmbH TSL25213 Datasheet HTML 38Page - OSRAM GmbH TSL25213 Datasheet HTML 39Page - OSRAM GmbH TSL25213 Datasheet HTML 40Page - OSRAM GmbH TSL25213 Datasheet HTML 41Page - OSRAM GmbH TSL25213 Datasheet HTML 42Page - OSRAM GmbH TSL25213 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
Page 38
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-21
TSL2521 − Register O ver view
CFG5 Register
Figure 45:
CFG5
Note(s):
1. Return to the Register Map (0xA6).
Addr: 0xA6
CFG5
Bit
Field
Reset
Type
Bit Description
7:6
Reserved
0
5:4
ALS_THRESHOLD_
CHANNEL
0R/W
Selects the modulator channel used for the ALS threshold
metering and subsequent interrupt.
00: Default, modulator0
01: Modulator1
3:0
APERS
0
R/W
ALS Interrupt Persistence. Defines a filter for the number of
consecutive occurrences that ALS measurement data must
remain outside the threshold range between AILT and
AIHT before an interrupt is generated. The ALS data
channel used for the persistence filter is set by ALS_
THRESHOLD_CHANNEL. Any sample that is inside the
threshold range resets the counter to 0.
Interrupts are generated at:
0x0: every ALS cycle
0x1: any ALS value outside the threshold range
0x2: 2 consecutive ALS values outside the range
0x3: 3 consecutive ALS values outside the range
0x4: 5 …
0x5: 10 …
…… continued in increments of 5 values
0xE: 55 …
0xF: 60 consecutive ALS values outside the range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com