Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25213 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TSL25213
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TSL25213 Datasheet HTML 23Page - OSRAM GmbH TSL25213 Datasheet HTML 24Page - OSRAM GmbH TSL25213 Datasheet HTML 25Page - OSRAM GmbH TSL25213 Datasheet HTML 26Page - OSRAM GmbH TSL25213 Datasheet HTML 27Page - OSRAM GmbH TSL25213 Datasheet HTML 28Page - OSRAM GmbH TSL25213 Datasheet HTML 29Page - OSRAM GmbH TSL25213 Datasheet HTML 30Page - OSRAM GmbH TSL25213 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
Page 26
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-21
TSL2521 − Register O ver view
WTIME Register
Figure 28:
WTIME
Note(s):
1. Return to the Register Map (0x89).
ALS Interrupt Low Threshold Registers
Figure 29:
ALS Interrupt Low Threshold
Note(s):
1. Return to the Register Map (0x8A, 0x8B, 0x8C).
Addr: 0x89
WTIME
Bit
Field
Reset
Type
Bit Description
7:0
WTIME
0
R/W
Sets the WaitTime between 2 measurements of the
modulator or sequencer. WTIME together with
MOD_TRIGGER_TIMING (in register 0xAE TRIGGER_
MODE) define the actual time between
measurements.
WaitTime = MOD_TRIGGER_TIMING x WTIME
Default: 0 = 0 x (0+1) no WaitTime
Addr
Bit
Field
Reset
Type
Description
0x8A
7:0
AILT0
0R/W
ALS Interrupt Low Threshold
The ALS interrupt threshold registers are 24-bit wide. ALS
interrupt level detection compares the threshold registers
with the data accumulated by the selected modulator. The
modulator can be selected via ALS_THRESHOLD_
CHANNEL. If AIEN is asserted and the accumulated data is
below AILT for the number of consecutive samples
specified in APERS, an interrupt is asserted on the
interrupt pin (internally AINT_AILT and AINT are asserted)
0x8B
7:0
AILT1
0R/W
0x8C
7:0
AILT2
0R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com