Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25213 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # TSL25213
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button TSL25213 Datasheet HTML 22Page - OSRAM GmbH TSL25213 Datasheet HTML 23Page - OSRAM GmbH TSL25213 Datasheet HTML 24Page - OSRAM GmbH TSL25213 Datasheet HTML 25Page - OSRAM GmbH TSL25213 Datasheet HTML 26Page - OSRAM GmbH TSL25213 Datasheet HTML 27Page - OSRAM GmbH TSL25213 Datasheet HTML 28Page - OSRAM GmbH TSL25213 Datasheet HTML 29Page - OSRAM GmbH TSL25213 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
Datasheet, Public
Page 25
[v3-00] 2022-Dec-21
Document Feedback
TSL2521 − Register Overview
FD_NR_SAMPLES0 Register
Figure 26:
FD_NR_SAMPLES0
Note(s):
1. Return to the Register Map (0x87).
FD_NR_SAMPLES1 Register
Figure 27:
FD_NR_SAMPLES1
Note(s):
1. Return to the Register Map (0x88).
Addr: 0x87
FD_NR_SAMPLES0
Bit
Field
Reset
Type
Bit Description
7:0
FD_NR_SAMPLES[7:0]
0
R/W
FD_NR_OF_SAMPLES defines the number of
samples+1 measured in one sequencer step. The
sample time is defined in SAMPLE_TIME[10:0]
Addr: 0x88
FD_NR_SAMPLES1
Bit
Field
Reset
Type
Bit Description
7
FD_NR_SAMPLES_
INFINITE
0R/W
When asserted flicker measurement sequences will
be infinitely repeated. In this mode, no end markers
are inserted but results are continuously written
into the FIFO.
6:3
Reserved
0
2:0
FD_NR_SAMPLES[10:8]
0
R/W
Please see FD_NR_SAMPLES0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com