Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25213 Datasheet(PDF) 48 Page - OSRAM GmbH

Part # TSL25213
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213 Datasheet(HTML) 48 Page - OSRAM GmbH

Back Button TSL25213 Datasheet HTML 44Page - OSRAM GmbH TSL25213 Datasheet HTML 45Page - OSRAM GmbH TSL25213 Datasheet HTML 46Page - OSRAM GmbH TSL25213 Datasheet HTML 47Page - OSRAM GmbH TSL25213 Datasheet HTML 48Page - OSRAM GmbH TSL25213 Datasheet HTML 49Page - OSRAM GmbH TSL25213 Datasheet HTML 50Page - OSRAM GmbH TSL25213 Datasheet HTML 51Page - OSRAM GmbH TSL25213 Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
Datasheet, Public
Page 47
[v3-00] 2022-Dec-21
Document Feedback
TSL2521 − Register Overview
MEAS_SEQR_RESIDUAL_1_AND_WAIT Register
Figure 60:
MEAS_SEQR_RESIDUAL_1_AND_WAIT
Note(s):
1. Return to the Register Map (0xD3).
Addr: 0xD3
MEAS_SEQR_RESIDUAL_1_AND_WAIT
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_
WAIT_PATTERN
0x1
R/W
Defines if a sequencer step will wait for the modulator trigger
timer to finish as programmed in MOD_TRIGGER_TIMING and
WTIME. At the same time the timer is restarted. In case this bit
is not set, the next sequencer step will start as soon as all
measurements in the prior step are completed.
Please observe that MOD_TRIGGER_TIMING is “0” by default.
In this case the programmed wait pattern is ignored since
measurement time has always priority over wait time.
The bit pattern does not represent a value but controls
bitwise which sequencer step shall be used. The leftmost
position of “0000” refers to sequencer step 3, the rightmost
refers to sequencer step 0. By default the wait is executed for
sequencer step 0 (last sequencer step).
3:0
Reserved
0xF
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com