Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25213 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TSL25213
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TSL25213 Datasheet HTML 3Page - OSRAM GmbH TSL25213 Datasheet HTML 4Page - OSRAM GmbH TSL25213 Datasheet HTML 5Page - OSRAM GmbH TSL25213 Datasheet HTML 6Page - OSRAM GmbH TSL25213 Datasheet HTML 7Page - OSRAM GmbH TSL25213 Datasheet HTML 8Page - OSRAM GmbH TSL25213 Datasheet HTML 9Page - OSRAM GmbH TSL25213 Datasheet HTML 10Page - OSRAM GmbH TSL25213 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
Page 6
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-21
TSL2521 − Optical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods. Device parameters are guaranteed
with VDD = 1.8 V and TA = 25°C unless otherwise noted.
Figure 6:
ALS Characteristics of TSL2521, ALS Gain = 128x, Integration Time = 10ms (unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
Dark ADC count value (1)
Ee = 0μW/cm
2
ALS gain: 512x
Integration time: 98ms
01
3
counts
ALS gain ratios (2)
0.5x
1/270.78
1/249.13
1/230.68
1x
1/133.17
1/123.85
1/115.74
2x
1/66.99
1/62.97
1/59.41
4x
1/33.39
1/31.72
1/30.21
8x
1/16.17
1/15.53
1/14.93
16x
1/8.30
1/7.97
1/7.66
32x
1/4.15
1/3.99
1/3.83
64x
1/2.09
1/2.01
1/1.93
256x
1.78
1.93
2.07
512x
3.42
3.80
4.18
1024x
6.16
7.42
8.68
2048x
10.26
14.06
17.86
4096x
11.41
25.35
39.29
Clear channel irradiance
responsivity
White LED, 2700K (3)
248
292
336
counts/
(μW/cm2)
IR channel irradiance
responsivity
IR LED = 940nm (5)
57
ADC noise (4)
White LED, 2700K (3)
Integration time: 100ms
0.05
Optical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com