Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25213 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TSL25213
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TSL25213 Datasheet HTML 5Page - OSRAM GmbH TSL25213 Datasheet HTML 6Page - OSRAM GmbH TSL25213 Datasheet HTML 7Page - OSRAM GmbH TSL25213 Datasheet HTML 8Page - OSRAM GmbH TSL25213 Datasheet HTML 9Page - OSRAM GmbH TSL25213 Datasheet HTML 10Page - OSRAM GmbH TSL25213 Datasheet HTML 11Page - OSRAM GmbH TSL25213 Datasheet HTML 12Page - OSRAM GmbH TSL25213 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
Page 8
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-21
TSL2521 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 7:
Recommended Operating Conditions
Note(s):
1. While the device is operational across the temperature range, functionality will vary with temperature.
Figure 8:
Electrical Characteristics of TSL2521, VDD = 1.8 V, TA = 25°C (unless otherwise noted)
Note(s):
1. This parameter indicates the supply current during periods of ALS integration. The ALS gain setting will have an effect on the active
supply current. The ALS gain setting used for this parameter is 128x and there are 2 modulators active.
2. Idle state occurs when PON=1 and all functions are disabled. This parameter is measured with LOWPOWER_IDLE=1.
3. Sleep state occurs when PON = 0 and I²C bus is idle. If Sleep state has been entered as the result of operational flow, SAI = 1, PON
will remain high.
Symbol
Parameter
Min
Typ
Max
Units
Comments
Electrical Parameters
VDD
Supply voltage
1.7
1.8
1.98
V
VDD/IO
I/O supply voltage
1.62
1.8
3.3
V
Temperature Ranges and Storage Conditions
TA
Operating free-air temperature (1)
-30
25
85
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD;ALS
ALS supply current
Active ALS state (1)
(PON=AEN=1)
140
195
250
μA
IDD;IDLE
Idle current
Idle state (2)
(PON=1, AEN=0, FDEN=0)
60
IDD;SLEEP
Sleep current
Sleep state (3)
0.7
5
ILEAK
Leakage current
Measured on SDA, SCL,
INT, GPIO
-5
5
VOL
INT, SDA, GPIO output low voltage
6mA sink current
0.4
V
VIH
SCL, SDA, VSYNC input high voltage
1.26
VIL
SCL, SDA, VSYNC input low voltage
0.54
CI
Input pin capacitance
10
pF
tActive
Time from power-on to ready to
receive I2C commands
0.5
ms
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com