Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25213 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # TSL25213
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213 Datasheet(HTML) 3 Page - OSRAM GmbH

  TSL25213 Datasheet HTML 1Page - OSRAM GmbH TSL25213 Datasheet HTML 2Page - OSRAM GmbH TSL25213 Datasheet HTML 3Page - OSRAM GmbH TSL25213 Datasheet HTML 4Page - OSRAM GmbH TSL25213 Datasheet HTML 5Page - OSRAM GmbH TSL25213 Datasheet HTML 6Page - OSRAM GmbH TSL25213 Datasheet HTML 7Page - OSRAM GmbH TSL25213 Datasheet HTML 8Page - OSRAM GmbH TSL25213 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 81 page
background image
Page 2
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-21
TSL2521 − General Description
Applications
TSL2521 integrates multiple applications within one device.
The applications for TSL2521 include:
• Indoor/outdoor brightness information
• Brightness management for displays
• Camera image correction assistance
• Flicker-immune camera operation
• Integrated ambient light flicker detection on
chip
• Concurrent flicker and ALS measurement with new
simplified readout methodology
• Independently configurable sample time
• Up to 7kHz flicker detection (14kHz sampling)
• FIFO buffer interrupt
• Low power consumption and minimum I²C
traffic
• 1.8VDD operation
• Configurable sleep mode
• Interrupt-driven device
• I²C interface up to 1 Mbit/s (Fast mode)
• On chip data compression reduces I²C serial bus traffic
• Integrated status checking for all functions
• Digital and analog saturation flags
Benefits
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com