Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25213 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # TSL25213
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button TSL25213 Datasheet HTML 8Page - OSRAM GmbH TSL25213 Datasheet HTML 9Page - OSRAM GmbH TSL25213 Datasheet HTML 10Page - OSRAM GmbH TSL25213 Datasheet HTML 11Page - OSRAM GmbH TSL25213 Datasheet HTML 12Page - OSRAM GmbH TSL25213 Datasheet HTML 13Page - OSRAM GmbH TSL25213 Datasheet HTML 14Page - OSRAM GmbH TSL25213 Datasheet HTML 15Page - OSRAM GmbH TSL25213 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
Datasheet, Public
Page 11
[v3-00] 2022-Dec-21
Document Feedback
TSL2521 − Typical Operating Characteristics
Figure 12:
Spectral Responsivity
Note(s):
1. The spectral responsivities shown in the figure are measured under a diffusor and scaled based on the photodiode area of each
channel. The scaling factors used to generate this figure are (relative to CLEAR): 2.8 for IR. Once scaled, the responsivities are
normalized.
Figure 13:
Normalized Angular Response X-Axis
Typical Operating
Characteristics
λ Wavelength - nm
Angle of Incident Light (°)
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
X-axis - Angular Response to White LED
Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com