Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25213 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # TSL25213
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button TSL25213 Datasheet HTML 32Page - OSRAM GmbH TSL25213 Datasheet HTML 33Page - OSRAM GmbH TSL25213 Datasheet HTML 34Page - OSRAM GmbH TSL25213 Datasheet HTML 35Page - OSRAM GmbH TSL25213 Datasheet HTML 36Page - OSRAM GmbH TSL25213 Datasheet HTML 37Page - OSRAM GmbH TSL25213 Datasheet HTML 38Page - OSRAM GmbH TSL25213 Datasheet HTML 39Page - OSRAM GmbH TSL25213 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
Datasheet, Public
Page 35
[v3-00] 2022-Dec-21
Document Feedback
TSL2521 − Register Overview
Note(s):
1. Return to the Register Map (0xA2).
CFG2 Register
Figure 42:
CFG2
Note(s):
1. Return to the Register Map (0xA3).
2
DO_ALS_FINAL_
PROCESSING
0R/W
If this bit is set to “1” and flicker measurement takes
longer than ALS measurement, ALS measurement
writings are postponed until flicker measurement is
finished. Otherwise ALS data is not written to FIFO.
1:0
Reserved
0
Addr: 0xA3
CFG2
Bit
Field
Reset
Type
Bit Description
7AINT_DIRECT
0
R/W
ALS Interrupt Direct. Enables the direct mode of ALS
interrupt. ALS interrupts are only generated when
ALS_DATA (selected by ALS_THRESHOLD_CHANNEL)
moves over the hysteresis edges (AINT_AILT and
AINT_AIHT). If bit is “0”, interrupts are always
generated if ALS_DATA is above AIHT or below AILT.
The status of the ALS interrupt is directly output on
the INT or GPIO pin if this mode is enabled and either
of those pins are configured to do so according to
the INT_PINMAP and VSYNC_GPIO_PINMAP settings.
6:1
Reserved
0
0FIFO_THR[0]
1
R/W
FIFO threshold LSB. Please see FIFO_THR for
information.
Addr: 0xA2
CFG1
Bit
Field
Reset
Type
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com