Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25213 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TSL25213
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TSL25213 Datasheet HTML 19Page - OSRAM GmbH TSL25213 Datasheet HTML 20Page - OSRAM GmbH TSL25213 Datasheet HTML 21Page - OSRAM GmbH TSL25213 Datasheet HTML 22Page - OSRAM GmbH TSL25213 Datasheet HTML 23Page - OSRAM GmbH TSL25213 Datasheet HTML 24Page - OSRAM GmbH TSL25213 Datasheet HTML 25Page - OSRAM GmbH TSL25213 Datasheet HTML 26Page - OSRAM GmbH TSL25213 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
Page 22
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-21
TSL2521 − Register O ver view
MEAS_MODE0 Register
Figure 20:
MEAS_MODE0
Note(s):
1. Return to the Register Map (0x81).
Addr: 0x81
MEAS_MODE0
Bit
Field
Reset
Type
Bit Description
7
STOP_AFTER_NTH_
ITERATION
0R/W
Stops a measurement after nth iterations by
setting FDEN and AEN to 0. PON will stay at 1. Per
default it stops after one measurement, which
can be used for manual calibration.
6
ENABLE_AGC_ASAT_
DOUBLE_STEP_DOWN
0R/W
Enables two gain steps down at once in case of an
analogue AGC saturation and at a gain step still
>0. This will allow a faster reach of 25% full-scale
range and a more prompt reaction if analogue
saturations occurs.
5
MEASUREMENT_
SEQUENCER_SINGLE_
SHOT_MODE
0R/W
Start one measurement cycle with sequencer
settings and stop it by asserting Sleep After
Interrupt (SAI).
4
MOD_FIFO_ALS_STATUS_
WRITE_ENABLE
0R/W
Enables writing of ALS status to the FIFO RAM in
case ALS data scaling is used as well as 16-bit ALS
data writing. It is needed to be able to correctly
interpret the ALS data.
3:0
ALS_SCALE
0x4
R/W
ALS_SCALE is used to avoid that redundant ALS
MSBs are transmitted and are reducing possible
resolution, since the ALS data register is only 16
bits wide (internally the result can be 26 bits wide
= 11-bit samples + 11-bit sampling time + 4-bit
residuals - ALS_MSB_POSITION). The ALS_SCALE
register defines the number of MSBs which must
be 0 so that the scaled representation is used in
the ALS data registers instead of the unscaled
representation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com