Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6204 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 5Page - OSRAM GmbH AS6204 Datasheet HTML 6Page - OSRAM GmbH AS6204 Datasheet HTML 7Page - OSRAM GmbH AS6204 Datasheet HTML 8Page - OSRAM GmbH AS6204 Datasheet HTML 9Page - OSRAM GmbH AS6204 Datasheet HTML 10Page - OSRAM GmbH AS6204 Datasheet HTML 11Page - OSRAM GmbH AS6204 Datasheet HTML 12Page - OSRAM GmbH AS6204 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Document Feedback
AS6204
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 8
4
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Figure 5:
Absolute Maximum Ratings of AS6204
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VSUP / VGND
Supply Voltage to Ground
-0.3
4
V
VIN
Input Pin Voltage to Ground
-100
100
V
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
±2000
V
Temperature Ranges and Storage Conditions
TA
Operating Ambient Temperature
-40
125
°C
TJ
Operating Junction Temperature
125
°C
TSTRG
Storage Temperature Range
-55
125
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020(1)
RHNC
Relative Humidity (non-
condensing)
5
85
%
MSL
Moisture Sensitivity Level
1
Represents unlimited floor
life time
(1)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com