Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6204 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 20Page - OSRAM GmbH AS6204 Datasheet HTML 21Page - OSRAM GmbH AS6204 Datasheet HTML 22Page - OSRAM GmbH AS6204 Datasheet HTML 23Page - OSRAM GmbH AS6204 Datasheet HTML 24Page - OSRAM GmbH AS6204 Datasheet HTML 25Page - OSRAM GmbH AS6204 Datasheet HTML 26Page - OSRAM GmbH AS6204 Datasheet HTML 27Page - OSRAM GmbH AS6204 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Document Feedback
AS6204
Register Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 23
After the start condition, the slave address byte is transmitted which is completed with a ninth bit which
indicates a read (bit=
’1’) or a write operation (bit=’0’) respectively. All slaves read the data on the rising
edge of the clock. An acknowledge signal is generated by the addressed slave during the ninth clock
pulse. This acknowledge signal is produced by pulling the pin SDA to a low level by the selected
slave.
Subsequently, the byte data transfer is started and finished by an acknowledge bit. A change in the
data signal (SDA) while the clock signal (SCL) is high causes a START or STOP condition. Hence, it
must be ensured such a condition is prevented during a data transfer phase.
After completing the data transfer, the master generates a STOP condition by pulling the data line
(SDA) from low level to high level while the clock signal (SCL) is kept at high level.
6.3.2
Data Interface
A bus connection is created by connecting the open drain input/output lines SDA and SCL to the two-
wire bus. The inputs of SDA and SCL feature Schmitt-trigger inputs as well as low pass filters in order
to suppress noise on the bus line. This improves the robustness against spikes on the two-wire
interface.
Both fast transmission mode (1 kHz to 400 kHz) and high-speed transmission mode (1 kHz to
3.4 MHz) are employed to cover different bus speed settings.
Any data transfer transmits the MSB first and the LSB as last bit.
6.3.3
Bus Address
A slave address consists of seven bits, followed by a data direction bit (read/write operation). The
slave address can be selected from a pool of two different address settings by connecting the input pin
ADD0 to an appropriate signal as summarized in the following table.
The ADD0 must be left open.
Figure 26:
I²C Address Select Configuration
ADD0 Connection
Device Address (bin)
Device Address (hex)
VSS
0100 1000
0x48
VDD
0100 1001
0x49
SDA
0100 1010
0x4A
SCL
0100 1011
0x4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com