Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6204 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 8Page - OSRAM GmbH AS6204 Datasheet HTML 9Page - OSRAM GmbH AS6204 Datasheet HTML 10Page - OSRAM GmbH AS6204 Datasheet HTML 11Page - OSRAM GmbH AS6204 Datasheet HTML 12Page - OSRAM GmbH AS6204 Datasheet HTML 13Page - OSRAM GmbH AS6204 Datasheet HTML 14Page - OSRAM GmbH AS6204 Datasheet HTML 15Page - OSRAM GmbH AS6204 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Document Feedback
AS6204
Register Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 11
6
Register Description
6.1
Register Overview
Figure 8:
Register Map with Serial Interface
In Figure 8 the registers that the device contains are shown.
With the use of the index register, it is possible to address the specific register. The index register is
an 8-bit register, where only bits 0 and 1 are used as shown in Figure 9 and all other bits are set to 0
and read only.
6.1.1
Index Register
Figure 9:
Index Register
Bit
Bit Name
Default
Access
0
Address Bit
0
RW
1
Address Bit
0
RW
2
Reserved
0
RO
3
Reserved
0
RO
4
Reserved
0
RO
5
Reserved
0
RO
6
Reserved
0
RO
7
Reserved
0
RO
TVAL (Read Only)
CONFIG (Read/Write)
TLOW (Read/Write)
THIGH (Read/Write)
INDEX (Read/Write)
Serial Interface
0x0
0x1
0x2
0x3
SCLK
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com