Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6204 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 6Page - OSRAM GmbH AS6204 Datasheet HTML 7Page - OSRAM GmbH AS6204 Datasheet HTML 8Page - OSRAM GmbH AS6204 Datasheet HTML 9Page - OSRAM GmbH AS6204 Datasheet HTML 10Page - OSRAM GmbH AS6204 Datasheet HTML 11Page - OSRAM GmbH AS6204 Datasheet HTML 12Page - OSRAM GmbH AS6204 Datasheet HTML 13Page - OSRAM GmbH AS6204 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Document Feedback
AS6204
Typical Operating Characteristics
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 9
5
Typical Operating Characteristics
The AS6204 is a complete sensor system that has an integrated sensing element, the analog
frontend, the A/D converter and the digital signal processing part.
The digital signal processing part consists of the signal processor, the registers and the serial bus
interface.
5.1
Analog System Parameters
In Figure 6 an overview of the analog system parameters is given.
The current consumption for less than 4 conversions per second is lower than the values given in
Figure 6
Figure 6:
Analog System Parameters of AS6204
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD
1.8
2.0
3.0
3.0
3.6
3.6
V
T= 0 °C to125 °C
T=-40 °C to 125 °C
Temperature range
T
-40
125
°C
Standby current
consumption
IDD
0.1
0.3
0.4
0.9
µA
T=-40 °C to 65 °C
T=65 °C to 125 °C
Current consumption
(4 conversion /s)
IDD
6
7
16
µA
T=-40
– 65 °C
Serial bus inactive
T=65 °C to 125 °C
Serial bus inactive
Accuracy(1)
T_ERR
-1.0
-0.4
-1.0
+1.0
+0.4
+1.0
°C
T=-40 °C to 0 °C
T=-0 °C to 65 °C
T=65 °C to 125 °C
Resolution
N
12
Bits
Conversion time
tS
24
34
46
ms
Conversion rate
NS
0.25
1
4
8
0.35
1.35
5.5
10.7
Conv/s
CR[1:0]=00
CR[1:0]=01
CR[1:0]=10
CR[1:0]=11
Supply voltage rise time
tRise_VDD
20
ms
0.1 V to 1.6 V
Supply voltage slew rate
SR_VDD
50
mV/ms
0.1 V to 1.6 V
(1)
The accuracy is based on measurements and reflects 4.5
σ statistics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com