Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6204 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 18Page - OSRAM GmbH AS6204 Datasheet HTML 19Page - OSRAM GmbH AS6204 Datasheet HTML 20Page - OSRAM GmbH AS6204 Datasheet HTML 21Page - OSRAM GmbH AS6204 Datasheet HTML 22Page - OSRAM GmbH AS6204 Datasheet HTML 23Page - OSRAM GmbH AS6204 Datasheet HTML 24Page - OSRAM GmbH AS6204 Datasheet HTML 25Page - OSRAM GmbH AS6204 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Document Feedback
AS6204
Register Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 21
6.2.10
Temperature Register (Address 0x0)
Figure 24:
Temperature Value Register
Address 0x0
Bit
Bit Name
0
0
1
0
2
0
3
0
4
T1
5
T2
6
T3
7
T4
8
T5
9
T6
10
T7
11
T8
12
T9
13
T10
14
T11
15
T12
The temperature register contains the digitally converted temperature value and can be read by
setting the index pointer to the TVAL register (0x0).
Two consecutive bytes must be read to obtain the complete temperature value. The MSB byte (Bits
D15…D8) is transmitted upon the first read access and the LSB byte (Bits D7…D0) is transmitted after
the second read access
. The least significant bits D3…D0 are set to 0.
A temperature value is represented as a two complement value in order to cover also negative values.
After power up, the temperature value is read as 0°C until the first conversion has been completed.
One LSB corresponds to 0.0625°C.
The binary values can be calculated according to the following formulas:
Positive values:
|Value| / LSB
Negative values:
Complement (|Value| / LSB) + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com