Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6204 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 12Page - OSRAM GmbH AS6204 Datasheet HTML 13Page - OSRAM GmbH AS6204 Datasheet HTML 14Page - OSRAM GmbH AS6204 Datasheet HTML 15Page - OSRAM GmbH AS6204 Datasheet HTML 16Page - OSRAM GmbH AS6204 Datasheet HTML 17Page - OSRAM GmbH AS6204 Datasheet HTML 18Page - OSRAM GmbH AS6204 Datasheet HTML 19Page - OSRAM GmbH AS6204 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Document Feedback
AS6204
Register Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 15
Figure 15:
Sleep Mode Configuration
Sleep Mode Bit
Operation Mode
0
Continuous Conversion Mode
1
Sleep Mode
6.2.5
Interrupt Mode
The interrupt mode bit defines whether the device operates in the temperature comparator mode or
the interrupt mode. This defines the operation of the ALERT output as described in the polarity section
bit.
Figure 16:
Interrupt Mode Configuration
Interrupt Mode Bit
Operation Mode
0
Comparator Mode
1
Interrupt Mode
The comparator mode: If the temperature value exceeds the THIGH value, the alert output is changed
(e.g. from high to low if the polarity bit is set to 0 and vice versa). The alert output stays in that
condition until the measured temperature drops below the defined TLOW value.
The interrupt mode: The alert output changes as soon as the measured temperature crosses the
THIGH or TLOW value threshold.
The alert bit has the same setting as the alert output if the device is set to comparator mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com