Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6204 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 19Page - OSRAM GmbH AS6204 Datasheet HTML 20Page - OSRAM GmbH AS6204 Datasheet HTML 21Page - OSRAM GmbH AS6204 Datasheet HTML 22Page - OSRAM GmbH AS6204 Datasheet HTML 23Page - OSRAM GmbH AS6204 Datasheet HTML 24Page - OSRAM GmbH AS6204 Datasheet HTML 25Page - OSRAM GmbH AS6204 Datasheet HTML 26Page - OSRAM GmbH AS6204 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Document Feedback
AS6204
Register Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 22
Equation 1: Example 75 °C
75°������
0.0625°������
= 1200 = ������������������������������������ 0100 1011 0000 = ������������������ 4������0
Equation 2: Example -40°C
|−40°������|
0.0625°������
+ 1 = 640 + 1 = ������������������������������������ 0010 1000 0000 + 1 = 1101 0111 1111 + 1 = 1101 10000 0000
= ������������������ ������80
Figure 25:
Temperature Conversion Examples
Temperature (°C)
Digital Output (Binary)
Digital Output (Hex)
100.0
0110 0100 0000
640
75.0
0100 1011 0000
4B0
50.0
0011 0010 0000
320
25.0
0001 1001 0000
190
0.125
0000 0000 0010
002
0.0625
0000 0000 0001
001
0.0
0000 0000 0000
000
-0.0625
1111 1111 1111
FFF
-0.125
1111 1111 1110
FFE
-25.0
1110 0111 0000
E70
-40 .0
1101 1000 0000
D80
6.3
Serial Interface
The device employs a standard I²C-serial bus.
6.3.1
Bus Description
A data transfer must be invoked by a master device (e.g. microcontroller), which defines the access to
the slave device. The master device defines and generates the serial clock (SCL) and the start/stop
conditions.
In order to address a specific device, the master device must generate a START condition by pulling
the data line (SDA) from a logic high level to a logic low lev-el while the serial clock signal (SCL) is
kept at high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com