Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6204 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 11Page - OSRAM GmbH AS6204 Datasheet HTML 12Page - OSRAM GmbH AS6204 Datasheet HTML 13Page - OSRAM GmbH AS6204 Datasheet HTML 14Page - OSRAM GmbH AS6204 Datasheet HTML 15Page - OSRAM GmbH AS6204 Datasheet HTML 16Page - OSRAM GmbH AS6204 Datasheet HTML 17Page - OSRAM GmbH AS6204 Datasheet HTML 18Page - OSRAM GmbH AS6204 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Document Feedback
AS6204
Register Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 14
Figure 13:
Conversion Rate Configuration
Conversion Rate Bits
Bit 7
Bit 6
Conversion Rate
Conversion Frequency
0
0
4 s
0.25 Hz
0
1
1 s
1 Hz
1
0
250 ms
4 Hz (default)
1
1
125 ms
8 Hz
The device immediately starts a conversion after a power-on sequence and provides the first result
after conversion time TS. A higher power consumption occurs during the actual conversion while the
device stays in the standby mode after a finished conversion until the next conversion is activated as
shown in the following figure.
Figure 14:
Conversion Sequence
6.2.4
Sleep Mode
The sleep mode is activated by setting the bit SM in the configuration register to 1. This shuts the
device down immediately and reduces the power consumption to a minimum value.
Entering the sleep mode will take some time (120 ms maximum) and the first conversion after the
sleep mode takes longer than the values specified in Figure 6. Therefore, it is recommended to trigger
a single shot conversion at the same time while entering sleep mode. After 150ms, the device enters
the sleep mode and subsequent conversion times are as specified in Figure 6.
The serial interface is the only active circuitry in the sleep mode in order to provide access to the
digital registers.
After resetting the SM bit to 0, the device enters the continuous conversion mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com