Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6204 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 22Page - OSRAM GmbH AS6204 Datasheet HTML 23Page - OSRAM GmbH AS6204 Datasheet HTML 24Page - OSRAM GmbH AS6204 Datasheet HTML 25Page - OSRAM GmbH AS6204 Datasheet HTML 26Page - OSRAM GmbH AS6204 Datasheet HTML 27Page - OSRAM GmbH AS6204 Datasheet HTML 28Page - OSRAM GmbH AS6204 Datasheet HTML 29Page - OSRAM GmbH AS6204 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Document Feedback
AS6204
Register Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 25
completed transmission. The master can terminate the data transfer by transmitting a Not-
Acknowledge after the transmitted slave data or by invoking a START or a STOP condition on the bus.
6.3.8
Alert Function
If the device is configured for an interrupt mode operation (IM=1), the ALERT output can be used as
an alert signal.
If the polarity bit is set to ‘0’ (POL=’0’), the alert condition bit is set to ‘0’ in case the temperature has
exceeded the configured value in register THIGH. Accordingly,
the alert condition bit is set to ‘1’ if the
temperature has fallen below the configured value in register TLOW.
If the polarity bit is set to ‘1’ (POL=’1’), the alert condition bit is inverted. The following table
summarizes the status of the alert condition bit with different alert conditions and polarity
configurations.
Figure 27:
Alert Condition Bit
Polarity Bit
Alert Condition
Alert Condition Bit (AC-Bit)
0
T ≥ THIGH
0
0
T ≤ TLOW
1
1
T ≥ THIGH
1
1
T ≤ TLOW
0
6.3.9
High Speed Mode
The bus operation is limited to 400 kHz unless the master device issues a high-speed command as
the first byte after a START condition. This switches the bus to a high-speed operation, which allows
data transfer frequencies up to 3.4 MHz. The slave does not acknowledge such a command but the
input-filter time constants on the serial interface (SDA and SCL) are adapted to allow the higher
transfer rate.
The slave does not acknowledge such a command but the input-filter time constants on the serial
interface (SDA and SCL) are adapted to allow the higher transfer rate.
After a high-speed command, the master transmits the slave address in order to invoke a data
transfer. The bus keeps operating at the higher operating frequency until the master issues a STOP
condition on the serial bus. Upon the reception of the STOP condition by the slave, the input filters are
switched to their initial time constants, which allow lower transfer rates only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com