Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6204 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 23Page - OSRAM GmbH AS6204 Datasheet HTML 24Page - OSRAM GmbH AS6204 Datasheet HTML 25Page - OSRAM GmbH AS6204 Datasheet HTML 26Page - OSRAM GmbH AS6204 Datasheet HTML 27Page - OSRAM GmbH AS6204 Datasheet HTML 28Page - OSRAM GmbH AS6204 Datasheet HTML 29Page - OSRAM GmbH AS6204 Datasheet HTML 30Page - OSRAM GmbH AS6204 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Document Feedback
AS6204
Register Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 26
Figure 28:
Summary of Bus Commands
Command
Address
Data Value
High Speed Command
0000 1xxx
6.3.10
General Call
A general call is issued by the master by transmitting the general call address (000 0000) with a low
R/W bit. When this command is issued on the bus, the device acknowledges this command. The
device also acknowledges the second byte but ignores the data. Subsequent bytes sent by the master
during the general call are not acknowledged.
6.3.11
Start Byte
When the master transmits address 000 0000 and a high R/W bit (“START byte”) the device
acknowledges the address. The device then sends the MSB data byte and LSB data byte, where the
data corresponds to the content of the register whose address has been last written to. After reset, this
corresponds to the temperature register.
6.3.12
Timeout Function
The serial interface of the slave device is reset if the clock signal SCL is kept low for typ. 30 ms. Such
a condition results in a release of the data line by the slave in case it has been pulled to low level. The
slave remains inactive after a timeout and waits for a new START command invoked by the bus
master. In order to prevent a timeout, the bus transfer rate must be higher than 1 kHz.
6.3.13
Bus Conditions
The following conditions occur on the serial bus, which is compatible to the I²C-Bus.
Bus Idle
The signals SDA and SCL are not actively driven and pulled to a high level by an external pull-up
resistor.
Start Data Transfer
A transition of the SDA input from high to low level while the SCL signal is kept at high-level results in
a START condition. Such a START condition must precede any data transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com