Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6204 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 4 Page - OSRAM GmbH

  AS6204 Datasheet HTML 1Page - OSRAM GmbH AS6204 Datasheet HTML 2Page - OSRAM GmbH AS6204 Datasheet HTML 3Page - OSRAM GmbH AS6204 Datasheet HTML 4Page - OSRAM GmbH AS6204 Datasheet HTML 5Page - OSRAM GmbH AS6204 Datasheet HTML 6Page - OSRAM GmbH AS6204 Datasheet HTML 7Page - OSRAM GmbH AS6204 Datasheet HTML 8Page - OSRAM GmbH AS6204 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Document Feedback
AS6204
General Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 3
1
General Description
The AS6204 IC is a high accuracy temperature sensor system that communicates via a 2 wire digital
bus with other devices. It consists of a Si bandgap temperature sensor, an ADC and a digital signal
processor.
It has a very high temperature accuracy (±0.2 °C between -10 °C to 20 °C) and an ultra-low power
consumption (low operation and quiescent current) which makes it ideally suited for mobile/battery
powered applications.
The AS6204 is an easy to integrate and use solution, featuring a factory calibrated sensor, integrated
linearization and the possibility to use 2 different I²C addresses, enabling to use two AS6204 devices
on one bus.
Additionally the AS6204 temperature sensor system also features an alert functionality, which triggers
e.g. an interrupt to protect devices from excessive temperatures.
1.1
Key Benefits & Features
The benefits and features of AS6204 are listed below:
Figure 1:
Added Value of Using AS6204
Benefits
Features
High Measurement Accuracy
± 0.4 °C (20 - 65 °C)
± 1 °C remaining operating temperature span
Low Power Consumption
6 µA @Operation (typical, @ 4 Hz)
0.1 µA @Standby (typical)
Supply Voltage Range
1.8
– 3.6 V
Small PCB Footprint
1.5 mm x 1 mm (WLCSP)
1.2
Applications
●
Electronic Equipment
●
Tablets
●
Convertibles
●
Laptop
●
Personal Computers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com