Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6204 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 10Page - OSRAM GmbH AS6204 Datasheet HTML 11Page - OSRAM GmbH AS6204 Datasheet HTML 12Page - OSRAM GmbH AS6204 Datasheet HTML 13Page - OSRAM GmbH AS6204 Datasheet HTML 14Page - OSRAM GmbH AS6204 Datasheet HTML 15Page - OSRAM GmbH AS6204 Datasheet HTML 16Page - OSRAM GmbH AS6204 Datasheet HTML 17Page - OSRAM GmbH AS6204 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Document Feedback
AS6204
Register Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 13
The configuration register is a 16-bit register, which defines the operation modes of the device. Any
read/write operations processes the MSB byte first.
In Figure 11 the configuration register is shown. The bits 0-4 and 13-14 are not to be used and are set
to read only (RO). The bit 4 is reserved (RW) and must not be changed from the default value. The
explanation of the other bits are described in detail in the following sections.
6.2.2
Alert Bit
The alert bit can be used to easily compare the current temperature reading to the thresholds that can
be set in the TLOW and THIGH registers.
If the polarity bit is set to 0, the AL bit is read as 1 until the converted temperature value exceeds the
defined value in the high temperature threshold register THIGH for the number of defined consecutive
faults (bits CF). Such an event causes the AL bit to toggle to 0 and the value is kept until the
converted temperature value falls below the defined value in the low temperature threshold register
TLOW for the number of defined consecutive faults. If this condition is met, the AL bit is reset to 1.
The polarity bit (POL) defines the active state of the alert bit as depicted in the following figure.
The alert bit has the same setting as the alert output as long as the device is configured for the
comparator mode.
Figure 12:
State Diagram of the Alert Bit
6.2.3
Conversion Rate Bits
The conversion rate bits define the number of executed temperature conversions per time unit.
Additional readouts of the temperature register between conversions is possible but not recommended
because the value is changed only after a conversion is finished.
Values of 125 ms, 250 ms, 1 s and 4 s per conversion can be configured while the default rate is set to
250 ms. This corresponds to a value of four conversions per second. The following table summarizes
the different configuration settings:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com