Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 206 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 206 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 202Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 203Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 204Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 205Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 206Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 207Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 208Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 209Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 210Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 286 page
background image
Serial Peripheral Interface (SPI)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
206
Freescale Semiconductor
20.3 Pin Name Conventions and I/O Register Addresses
The text that follows describes the SPI. The SPI I/O pin names are SS (slave select), SPSCK (SPI serial
clock), MOSI (master out slave in), and MISO (master in/slave out). The SPI shares four I/O pins with four
parallel I/O ports.
The full names of the SPI I/O pins are shown in Table 20-1. The generic pin names appear in the text that
follows.
20.4 Functional Description
Figure 20-1 summarizes the SPI I/O registers and Figure 20-2 shows the structure of the SPI module.
The SPI module allows full-duplex, synchronous, serial communication between the MCU and peripheral
devices, including other MCUs. Software can poll the SPI status flags or SPI operation can be
interrupt-driven.
If a port bit is configured for input, then an internal pullup device may be enabled for that port bit. See
16.5.3 Port D Input Pullup Enable Register.
The following paragraphs describe the operation of the SPI module.
Table 20-1. Pin Name Conventions
SPI Generic
Pin Names:
MISO
MOSI
SS
SPSCK
CGND
Full SPI
Pin Names:
SPI
PTD1/ATD9
PTD2/ATD10
PTD0/ATD8
PTD3/ATD11
VSS
Addr.
Register Name
Bit 7
654321
Bit 0
$0010
SPI Control Register
(SPCR)
Read:
SPRIE
R
SPMSTR
CPOL
CPHA
SPWOM
SPE
SPTIE
Write:
Reset:
00101000
$0011
SPI Status and Control
Register (SPSCR)
Read:
SPRF
ERRIE
OVRF
MODF
SPTE
MODFEN
SPR1
SPR0
Write:
Reset:
00001000
$0012
SPI Data Register
(SPDR)
Read:
R7
R6
R5
R4
R3
R2
R1
R0
Write:
T7
T6
T5
T4
T3
T2
T1
T0
Reset:
Unaffected by reset
= Unimplemented
R
= Reserved
Figure 20-1. SPI I/O Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com