Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 208 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 208 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 204Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 205Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 206Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 207Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 208Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 209Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 210Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 211Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 212Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 286 page
background image
Serial Peripheral Interface (SPI)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
208
Freescale Semiconductor
20.4.1 Master Mode
The SPI operates in master mode when the SPI master bit, SPMSTR, is set.
NOTE
Configure the SPI modules as master or slave before enabling them.
Enable the master SPI before enabling the slave SPI. Disable the slave SPI
before disabling the master SPI. See 20.13.1 SPI Control Register.
Only a master SPI module can initiate transmissions. Software begins the transmission from a master SPI
module by writing to the transmit data register. If the shift register is empty, the byte immediately transfers
to the shift register, setting the SPI transmitter empty bit, SPTE. The byte begins shifting out on the MOSI
pin under the control of the serial clock. See Figure 20-3.
Figure 20-3. Full-Duplex Master-Slave Connections
The SPR1 and SPR0 bits control the baud rate generator and determine the speed of the shift register.
See 20.13.2 SPI Status and Control Register. Through the SPSCK pin, the baud rate generator of the
master also controls the shift register of the slave peripheral.
As the byte shifts out on the MOSI pin of the master, another byte shifts in from the slave on the master’s
MISO pin. The transmission ends when the receiver full bit, SPRF, becomes set. At the same time that
SPRF becomes set, the byte from the slave transfers to the receive data register. In normal operation,
SPRF signals the end of a transmission. Software clears SPRF by reading the SPI status and control
register with SPRF set and then reading the SPI data register. Writing to the SPI data register clears the
SPTE bit.
20.4.2 Slave Mode
The SPI operates in slave mode when the SPMSTR bit is clear. In slave mode, the SPSCK pin is the input
for the serial clock from the master MCU. Before a data transmission occurs, the SS pin of the slave SPI
must be at logic 0. SS must remain low until the transmission is complete. See 20.7.2 Mode Fault Error.
In a slave SPI module, data enters the shift register under the control of the serial clock from the master
SPI module. After a byte enters the shift register of a slave SPI, it transfers to the receive data register,
and the SPRF bit is set. To prevent an overflow condition, slave software then must read the receive data
register before another full byte enters the shift register.
The maximum frequency of the SPSCK for an SPI configured as a slave is the bus clock speed (which is
twice as fast as the fastest master SPSCK clock that can be generated). The frequency of the SPSCK for
an SPI configured as a slave does not have to correspond to any SPI baud rate. The baud rate only
SHIFT REGISTER
SHIFT REGISTER
BAUD RATE
GENERATOR
MASTER MCU
SLAVE MCU
VDD
MOSI
MOSI
MISO
MISO
SPSCK
SPSCK
SS
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com