Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 227 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 227 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 223Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 224Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 225Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 226Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 227Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 228Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 229Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 230Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 231Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 286 page
background image
Timebase Register Description
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
227
If the timebase functions are not required during stop mode, reduce the power consumption by stopping
the timebase before enabling the STOP instruction.
21.6 Timebase Register Description
The timebase has one register, the TBCR, which is used to enable the timebase interrupts and set the
rate.
TBIF — Timebase Interrupt Flag
This read-only flag bit is set when the timebase counter has rolled over.
1 = Timebase interrupt pending
0 = Timebase interrupt not pending
TBR2:TBR0 — Timebase Rate Selection
These read/write bits are used to select the rate of timebase interrupts as shown in Table 21-1.
NOTE
Do not change TBR2–TBR0 bits while the timebase is enabled (TBON = 1).
TACK— Timebase ACKnowledge
The TACK bit is a write-only bit and always reads as 0. Writing a 1 to this bit clears TBIF, the timebase
interrupt flag bit. Writing a 0 to this bit has no effect.
1 = Clear timebase interrupt flag
0 = No effect
Address:
$001C
Bit 7
654321
Bit 0
Read:
TBIF
TBR2
TBR1
TBR0
0
TBIE
TBON
R
Write:
TACK
Reset:
00000000
= Unimplemented
R
= Reserved
Figure 21-2. Timebase Control Register (TBCR)
Table 21-1. Timebase Rate Selection for OSC1 = 32.768 kHz
TBR2
TBR1
TBR0
Divider
Timebase Interrupt Rate
Hz
ms
0
0
0
32,768
1
1000
0
0
1
8192
4
250
0
1
0
2048
16
62.5
0
1
1
128
256
~ 3.9
1
0
0
64
512
~2
1
0
1
32
1024
~1
1
1
0
16
2048
~0.5
1
1
1
8
4096
~0.24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com