Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 229 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 229 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 225Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 226Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 227Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 228Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 229Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 230Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 231Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 232Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 233Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 286 page
background image
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
229
Chapter 22
Timer Interface Module (TIM)
22.1 Introduction
This section describes the timer interface (TIM) module. The TIM on this part is a 2-channel and
a1-channel timer that provides a timing reference with input capture, output compare, and
pulse-width-modulation functions. Figure 22-1 is a block diagram of the TIM. This particular MCU has two
timer interface modules which are denoted as TIM1 and TIM2.
For further information regarding timers on M68HC08 family devices, please consult the HC08 Timer
Reference Manual, TIM08RM/AD.
22.2 Features
Features of the TIM include:
•
Three input capture/output compare channels:
–
Rising-edge, falling-edge, or any-edge input capture trigger
–
Set, clear, or toggle output compare action
•
Buffered and unbuffered pulse-width-modulation (PWM) signal generation
•
Programmable TIM clock input with 7-frequency internal bus clock prescaler selection
•
Free-running or modulo up-count operation
•
Toggle any channel pin on overflow
•
TIM counter stop and reset bits
22.3 Pin Name Conventions
The text that follows describes both timers, TIM1 and TIM2. The TIM input/output (I/O) pin names are
T[1,2]CH0 (timer 1 channel 0, timer 2 channel 0) and T[1]CH1 (timer channel 1), where “1” is used to
indicate TIM1 and “2” is used to indicate TIM2. The two TIMs share three I/O pins with three port D I/O
port pins. The full names of the TIM I/O pins are listed in Table 22-1. The generic pin names appear in
the text that follows.
Table 22-1. Pin Name Conventions
TIM Generic Pin Names:
T[1,2]CH0
T[1,2]CH1
Full TIM
Pin Names:
TIM1
PTD4/ATD12/T1CH0
PTD5/T1CH1
TIM2
PTD6/ATD14/T2CH0
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com