Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 107Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 108Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 109Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 110Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 111Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 112Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 114Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 286 page
background image
FLASH Mass Erase Operation
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
111
8.
Wait for a time, tnvh (min. 5μs)
9.
Clear the HVEN bit.
10.
After a time, trcv (typ. 1μs), the memory can be accessed again in read mode.
NOTE
While these operations must be performed in the order shown, other
unrelated operations may occur between the steps.
11.5 FLASH Mass Erase Operation
Use this step-by-step procedure to erase entire FLASH memory:
1.
Set both the ERASE bit, and the MASS bit in the FLASH control register.
2.
Read from the FLASH block protect register.
3.
Write any data to any FLASH address(1) within the FLASH memory address range.
4.
Wait for a time, tnvs (min. 10μs)
5.
Set the HVEN bit.
6.
Wait for a time, tMErase (min. 4ms)
7.
Clear the ERASE and MASS bits.
NOTE
Mass erase is disabled whenever any block is protected (FLBPR does not
equal $FF).
8.
Wait for a time, tnvhl (min. 100μs)
9.
Clear the HVEN bit.
10.
After a time, trcv (typical 1μs), the memory can be accessed again in read mode.
NOTE
Programming and erasing of FLASH locations cannot be performed by
code being executed from the FLASH memory. While these operations
must be performed in the order shown, other unrelated operations may
occur between the steps.
11.6 FLASH Program/Read Operation
Programming of the FLASH memory is done on a row basis. A row consists of 32 consecutive bytes
starting from addresses $XX00, $XX20, $XX40, $XX60, $XX80, $XXA0, $XXC0, and $XXE0. During the
programming cycle, make sure that all addresses being written fit within one of the ranges specified
above. Attempts to program addresses in different row ranges in one programming cycle will fail. Use this
step-by-step procedure to program a row of FLASH memory (Figure 11-2 is a flowchart representation):
NOTE
Only bytes which are currently $FF may be programmed.
1. When in Monitor mode, with security sequence failed see Chapter 15 Monitor ROM (MON), write to the FLASH block protect
register instead of any FLASH address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com